PART |
Description |
Maker |
16TTS08S 16TTS08STRL 16TTS08STRR 16TTS16STRR 16TTS |
Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits 12000A条相控制可控硅的一D2 - PAK封装 800V 10A Phase Control SCR in a D2-Pak package 1600V 10A Phase Control SCR in a D2-Pak package 1200V 10A Phase Control SCR in a D2-Pak package CAT5E 350MHZ PATCH CORD, 10 FT BEIGE SURFACE MOUNTABLE PHASE CONTROL SCR 表面贴装相位控制可控
|
IDEC, Corp. International Rectifier, Corp.
|
T9G01000A T9G0081003DH T9G01000A-13 |
Phase Control SCR Phase Control SCR (1000 Amperes Average 2400 Volts) 800V, 1000A phase control single thyristor
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors]
|
C180C500 C180B500 C180EX500 C180MX500 C180M500 |
300 A, 500 V, SCR Phase Control SCR 190 Amperes Average 600 Volts 600V, 190A phase control single thyristor
|
POWEREX INC Powerex Power Semiconductors
|
C441PN C441L C441LB C441LD C441PD C441PM C441PB |
1200V, 750A phase control single thyristor Phase Control SCR 750 Amperes Average 2400 Volts Phase Control SCR 750 Amperes Avg 1300-1800 Volts
|
POWEREX[Powerex Power Semiconductors]
|
ST230S12P0V ST230S14P0 ST230S16P0 ST230S04P0V ST23 |
1200V 230A Phase Control SCR in a TO-209AB (TO-93) package 1400V 230A Phase Control SCR in a TO-209AB (TO-93C) package 1600V 230A Phase Control SCR in a TO-209AB (TO-93C) package 400V 230A Phase Control SCR in a TO-209AB (TO-93) package 800V 230A Phase Control SCR in a TO-209AB (TO-93) package
|
International Rectifier
|
25TTS08FP 25TTS12FP 25TTS16FP 25TTS12 |
PHASE CONTROL SCR TO-220 FULLPAK 相位控制可控硅至220 FULLPAK PHASECONTROLSCRTO-220FULLPAK 1600V 16A Phase Control SCR in a TO-220 Full-Pak package 1200V 16A Phase Control SCR in a TO-220 Full-Pak package 800V 16A Phase Control SCR in a TO-220 Full-Pak package
|
International Rectifier, Corp. InternationalRectifier
|
80RIA 80RIA80 80RIA40 81RIA40 81RIA80 80A 80RIA120 |
800V 80A Phase Control SCR in a TO-209AC (TO-94) package 1200V 80A Phase Control SCR in a TO-209AC (TO-94) package PHASE CONTROL THYRISTORS Stud Version
|
IRF[International Rectifier]
|
T9G01200A T9G01200A-13 |
Phase Control SCR Phase Control SCR (1200 Amperes Average 2400 Volts) 第一阶段控制晶闸管(一二?安培平400伏特
|
POWEREX[Powerex Power Semiconductors] Powerex Power Semicondu...
|
ST1280C..KSERIES ST1280C06K3L ST1280C04K0 ST1280C0 |
PHASE CONTROL THYRISTORS 相位控制晶闸 400V 2310A Phase Control SCR in a A-24 (K-Puk) package 600V 2310A Phase Control SCR in a A-24 (K-Puk) package
|
International Rectifier, Corp. IRF[International Rectifier]
|
40TPS08 40TPS08A 40TPS12A 40TPS12 |
Silicon Controlled Rectifier, 55 A, 1200 V, SCR, TO-247AC, TO-247AC, 3 PIN 1200V 35A Phase Control SCR in a TO-247AC package 800V 35A Phase Control SCR in a TO-247AC package
|
Vishay Semiconductors International Rectifier
|
ST300C16L0 ST300C18L0 ST300C12L0 ST300C08L0 |
MAX II CPLD 1270 LE 256-FBGA 1600V 560A章相位控制晶闸管采用TO - 200AC(乙,北辰)封装 1200V 560A Phase Control SCR in a TO-200AC (B-Puk) package 1800V 560A Phase Control SCR in a TO-200AC (B-Puk) package 1600V 560A Phase Control SCR in a TO-200AC (B-Puk) package
|
Microchip Technology, Inc. International Rectifier
|
MP02HBN130-20 MP02HBN130-18 |
2000V phase control dual SCR, SCR/diode modules 1800V phase control dual SCR, SCR/diode modules
|
Dynex Semiconductor
|